Part Number Hot Search : 
WM8950 100BG H3545 74VHCT 020141MB WM8950 BZX55C1 MB89935B
Product Description
Full Text Search
 

To Download IRLML2402GTRPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  
 

    


     
    
  
          !
" 
  
 #$
%  $
 !     !
  
        
    & !  '()  !  *
!
 %    
!
     

  $     
 !       
# +      $

   
  
 )(",- *       & ! '() !   
 .      
#    *  % $$    ' -%       
 !  
  $      #  !   /01#12  ' -  !   
    
  



   $  

&3'3+ #  4))   4)/
2 
 5    
   

     
 
   
   
 !   
" #
$%&'&(()  *+,

!
-
  
   -  halogen    
      
           
           !        
 "  #  $% &'() *     +,,-)  ' .   !/! 0!1)/2!/!      
 3)!-' $#1' , 4   
      
 1  56$$3),,$7  888 *    % www.irf.com 1 micro3 ? d s g 3 1 2 

2 www.irf.com  
  
   
  
   ,,-)90!" '  888 888    
  
 :      90!" ' $# ;;) 888  888  1 ;)   
$ 888 888    
   
*  888 888 *   
  
     + << ! '  888 888    
    
 : '  ("! )!)) * 888 888 -   
  
 888 888    
=  
 888 888    
=  
  
 +,,-) ("! &0' 888 888 ,   
, +,, -)1/&0' 888 888    
 >   + <' 888 = *   
* >  +,,-) <' 888  =    
= >  +,,?@5 @a <' 888     
 -('=!     ,b 2 $ 888  888   
   1 $ 888  888   
*    ,b;; 2 $ 888  888 1  
=   (  $ 888 c 888 1  
 , -('   # #)) 888  888   
  b# #)) 888  888 #(   
   1/ ; #)) 888  888 d
5ef-(' :      ,,-)&0'  1   -),,-)b,1)        
!"#$  
  
  
  
   -)  5b-(g 2$7 ?9!2!a <"'<    !-)  ' / ?9!2!a  #,h)!!   !("! ' 888 888    
   
*  
    1/1)/2 $ 888  *c   
   
* >  1/1)/2 <' 888 =   !!
:   %
&    #    888 888  888 888   s d g  1#/'i# "!< $!72  $6h)$#?-;'a  i sd  * !! :             "!< *:i!2)2)  j  -;)$!(1,7! ) 

www.irf.com 3  
                      
       0.01 0.1 1 10 100 0.1 1 10 i , drain-to-source current (a) d v , drain-to-source voltage (v) ds 20 s pulse width t = 25c a vgs top 7.5v 5.0v 4.0v 3.5v 3.0v 2.5v 2.0v bottom 1.5v 1.5v j 0.01 0.1 1 10 100 0.1 1 10 i , drain-to-source current (a) d v , drain-to-source voltage (v) ds a vgs top 7.5v 5.0v 4.0v 3.5v 3.0v 2.5v 2.0v bottom 1.5v 1.5v 20 s pulse width t = 150c j 0.01 0.1 1 10 1.5 2.0 2.5 3.0 3.5 4.0 t = 25c t = 150c j j gs v , gate-to-source voltage (v) d i , drain-to-source current (a) a v = 10v 20 s pulse width ds 0.0 0.5 1.0 1.5 2.0 -60 -40 -20 0 20 40 60 80 100 120 140 160 j t , junction temperature (c) r , drain-to-source on resistance ds(on) (normalized) a v = 4.5v gs i = 0.93a d

4 www.irf.com          !         !   "#     !$    % !  %  ! 0 40 80 120 160 200 1 10 100 c, capacitance (pf) ds v , drain-to-source voltage (v) a v = 0v, f = 1mhz c = c + c , c shorted c = c c = c + c gs iss gs gd ds rss gd oss ds gd c iss c oss c rss 0 2 4 6 8 10 0.0 1.0 2.0 3.0 4.0 g gs a q , total gate charge (nc) for test circuit see figure 9 v , gate-to-source voltage (v) i = 0.93a v = 16v d ds 0.01 0.1 1 10 0.2 0.4 0.6 0.8 1.0 1.2 1.4 t = 25c t = 150c j j v = 0v gs v , source-to-drain voltage (v) i , reverse drain current (a) sd sd a 0.1 1 10 100 1 10 100 v , drain-to-source voltage (v) ds i , drain current (a) operation in this area limited by r d ds(on) t = 25c t = 150c single pulse 100 s 1ms 10ms a a j

www.irf.com 5 v ds 90% 10% v gs t d(on) t r t d(off) t f    !         !  &'       1   !" 0.1 % 1      1  k  + -  ( % ! &'  d.u.t. v ds i d i g 3ma v gs .3 f 50k .2 f 12v current regulator same type as d.u.t. current sampling resistors + - q g q gs q gd v g charge )*  % !      "# +  '   ,  -. $/  0.1 1 10 100 1000 0.00001 0.0001 0.001 0.01 0.1 1 10 100 notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thja a p t t dm 1 2 t , rectangular pulse duration (sec) thermal response (z ) 1 thja 0.01 0.02 0.05 0.10 0.20 d = 0.50 single pulse (thermal response)

6 www.irf.com    0+1+ p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop re-applied voltage reverse recovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period + - + + + - - - 2   
 ;&')&/ /) 
  

     1    ? !/!) !721  ? /$2#k  ?   ) !722()@@ ? k ,/)k!    )&2 ! ? &"-2!))  ? +!   ? &"&0'!))    ;$  2

www.irf.com 7 micro3 / sot-23 package marking a yw lc part number y = year w = week lot code halogen free indicator part number code reference: a = irlml2402 b =irlml2803 c = irlml2402 d = irlml5103 e = irlml6402 f = irlml6401 g = irlml2502 h = irlml5203 note: a line above the work week (as shown here) indicates lead-free micro3 (sot-23 / to-236ab) part marking information note: for the most current drawing please refer to ir website at http://www.irf.com/package a 2001 a 27 w = (1-26) if preceded by last digit of calendar year w = (27-52) if preceded by a letter y 8 2008 3 2003 1 2001 year 2002 2 5 2005 2004 4 2007 2006 7 6 2010 0 2009 9 year y c 03 wor k we e k 01 02 a w b 04 d 24 26 25 x z y wor k we e k w k h g f e d c b 2006 2003 2002 2005 2004 2008 2007 2010 2009 j y 51 29 28 30 c b d 50 x 52 z 0.972 1.900 recommended footprint 0.802 0.950 2.742  ! "#$ !#%#&'()* 4

   !
 
    /
 2 e e1 e d a b 0.15 [0.006] e1 1 2 3 m cba 5 6 6 5 3x l c b a1 3x a a2 a b c m 0.20 [0.008] 0.10 [0.004] c c l2 h 4 l1 7 0.89 1.12 symbol max min a1 b 0.01 0.10 c 0.30 0.50 d 0.08 0.20 e 2.80 3.04 e1 2.10 2.64 e 1.20 1.40 a 0.95 bsc l 0.40 0.60 08 millimeters a2 0.88 1.02 e1 1.90 bsc ref 0.54 l1 bsc 0.25 l2  bsc  ref  
 
inches 8 0     
          0.0004 min max  
dimensions notes: 1. dimensioning & tolerancing per ansi y14.5m-1994 2. dimensions are shown in millimeters [inches]. 3. controlling dimension: millimeter. 4. datum plane h is located at the mold parting line. 5. datum a and b to be determined at datum plane h. 6. dimensions d and e1 are measured at datum plane h. dimensions does not include mold protrusions or interlead flash. mold protrusions or interlead flash shall not exceed 0.25 mm [0.010 inch] per side. 7. dimension l is the lead length for soldering to a substrate. 8. outline conforms to jedec outline to-236 ab.

8 www.irf.com data and specifications subject to change without notice.  ? 
    4

   !
 
    /
 2 2.05 ( .080 ) 1.95 ( .077 ) tr feed direction 4.1 ( .161 ) 3.9 ( .154 ) 1.6 ( .062 ) 1.5 ( .060 ) 1.85 ( .072 ) 1.65 ( .065 ) 3.55 ( .139 ) 3.45 ( .136 ) 1.1 ( .043 ) 0.9 ( .036 ) 4.1 ( .161 ) 3.9 ( .154 ) 0.35 ( .013 ) 0.25 ( .010 ) 8.3 ( .326 ) 7.9 ( .312 ) 1.32 ( .051 ) 1.12 ( .045 ) 9.90 ( .390 ) 8.40 ( .331 ) 178.00 ( 7.008 ) max. notes: 1. controlling dimension : millimeter. 2. outline conforms to eia-481 & eia-541. note: for the most current drawing please refer to ir website at http://www.irf.com/package ir world headquarters: 101n.sepulveda blvd, el segundo, california 90245, usa tel: (310) 252-7105 tac fax: (310) 252-7903 visit us at www.irf.com for sales contact information . 12/2011


▲Up To Search▲   

 
Price & Availability of IRLML2402GTRPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X